PART |
Description |
Maker |
PCI2060ZHK |
Asynchronous, 32-Bit, 66 MHz PCI-to-PCI Bridge, Compact PCI Hot-Swap Friendly, 9-Master 257-BGA MICROSTAR
|
ITT, Corp.
|
LTC1644 LTC1644CGN LTC1644IGN |
CompactPCI Bus Hot Swap Controller, 3V, 5V, /-12V
|
Linear Technology Corporation
|
LTC4252-2 LTC4252-1 425212F LTC4252-1IMS8 LTC4252- |
TRANS ARRAY PNP/PNP SS MINI-6P Negative Voltage Hot Swap Controllers TRANS ARRAY NPN/NPN SSMINI-6 From old datasheet system Negative Voltage Hot Swap Controller w/ Latch Off Negative Voltage Hot Swap Controller w/ Auto Retry
|
Linear Technology Corporation
|
PG2322 PG2324 PG2311 PG2326 PG2325 PG2316 |
Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Secondary Side Dual Output Controller with Opto Driver; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 10A I(C) | TO-5 晶体管|晶体管|进步党| 50V五(巴西)总裁| 10A条一(c)|5
|
Glenair, Inc.
|
AM27C800-120DC AM27C800-120DCB AM27C800-120DE AM27 |
Hot Swappable 2-Wire Bus Buffers; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C x8/x16存储 x8/x16 EPROM x8/x16存储 Dual Hot Swap Controller/Power Sequencer with Dual Speed, Dual Level Fault Protection; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 -48V Hot Swap Controller with Sequencer; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C x8/x16存储 Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 Negative Voltage Hot Swap Controllers; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C x8/x16存储 x8/x16EPROM
|
Advanced Micro Devices, Inc. Molex, Inc. Rochester Electronics, LLC 3M Company Macronix International Co., Ltd. Analog Integrations, Corp. Analog Devices, Inc.
|
MAX5915 MAX5915EUI MAX5916EUI |
Dual PCI 2.2 Hot-Swap Controllers
|
MAXIM[Maxim Integrated Products]
|
MAX5910 MAX5910ESA MAX5917BESE MAX5917 MAX5917AESE |
65V Simple Swapper Hot-Swap Switches 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 65V Hot Swap Switch
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1642-15 |
Hot Swap Controller
|
Linear Technology
|
ADM1070ART ADM1070 |
-48 V Hot Swap Controller
|
AD[Analog Devices]
|
LTC4244-1 |
Rugged, CompactPCI Bus Hot Swap Controllers
|
Linear Technology
|
LTC4244IGN LTC4244IGN-1 LTC4244 LTC4244CGN LTC4244 |
Rugged, CompactPCI Bus Hot Swap Controllers
|
Linear Technology
|